Part Number Hot Search : 
BZ5260 AD9238 BJ64A 002NG V53C104 A124EF PF12P10 A124EF
Product Description
Full Text Search
 

To Download OAH32548A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OAH, OAH3, OBH, OBH3 Series
HCMOS/TTL Oscillator
PART NUMBERING GUIDE
Package OAH = OAH3 = OBH = OBH3 =
Lead-Free RoHS Compliant
CALIBER
Electronics Inc.
Environmental/Mechanical Specifications on page F5
OAH 100 48 A T - 30.000MHz
14 Pin Dip / 5.0Vdc / HCMOS-TTL 14 Pin Dip / 3.3Vdc / HCMOS-TTL 8 Pin Dip / 5.0Vdc / HCMOS-TTL 8 Pin Dip / 3.3Vdc / HCMOS-TTL Pin One Connection Blank = No Connect, T = Tri State Enable High Output Symmetry Blank = 40/60%, A = 45/55% Operating Temperature Range Blank = 0C to 70C, 27 = -20C to 70C, 48 = -40C to 85C
Inclusive Stability 100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm, 25= +/-25ppm, 20= +/-20ppm, 15= +/-15ppm, 10= 10ppm
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage Input Current 250.000kHz to 24.000MHz 24.001MHz to 50.000MHz 50.001MHz to 66.667MHz 66.668MHz to 200.000MHz Inclusive of Operating Temperature Range, Supply Voltage and Load w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load 0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of Waveform w/HCMOS Load 66.667MHz. @1.4Vdc w/TTL Load; @50% w/HCMOS Load @1.4Vdc w/TTL Load or w/HCMOS Load @50% of Waveform w/LSTTL or HCMOS Load >66.667MHz 250.000kHz to 24.000MHz 24.001MHz to 66.667MHz 66.668MHz to 150.000MHz No Connection VIH VIL
Revision: 1994-C
250kHz to 200.000MHz 0C to 70C / -20C to 70C / -40C to 85C -55C to 125C 5.0Vdc 10%, 3.3Vdc 10% 25mA Maximum 30mA Maximum 60mA Maximum 80mA Maximum 100ppm, 50ppm, 30ppm, 25ppm, 20ppm, 15ppm or 10ppm (20, 15, 10 = 0C to 70C Only) 2.4Vdc Minimum Vdd -0.5Vdc Minimum 0.4Vdc Maximum 0.5Vdc Maximum 6nSeconds Maximum 3nSeconds Maximum 50 10% (Standard) 505% (Optional) 505% (Optional) 10TTL or 50pF HCMOS Load 10TTL or 15pF HCMOS Load 10LSTTL or 15pF HCMOS Load Enables Output +2.2Vdc Minimum to Enable Output +0.8Vdc Maximum to Disable Output 5ppm / year Maximum 10mSeconds Maximum 100pSeconds Maximum 25pSeconds Maximum
Frequency Tolerance / Stability Output Voltage Logic High (Voh) Output Voltage Logic Low (Vol) Rise Time Fall Time Duty Cycle
Load Drive Capability
Pin 1 Tristate Input Voltage
Aging (@ 25C) Start Up Time Absolute Clock Jitter One Sigma Clock Jitter
MECHANICAL DIMENSIONS
13.2
MAX
Marking Guide on page F3-F4
0.9
MAX
7.620
.203
13.2
MAX
7.620
0.203
5.08
MIN
20.8
MAX
15.240 0.203
14 1 8 7
0.457 0.1 (X4) 5.08
13.2
MAX
7.620
0.203
8 5
1 4
0.45701
(X4)
14 Pin Full Size
All Dimensions in mm. Pin 1: No Connect or Tri-State Pin 7: Case Ground
MAX Insulated Standoffs (Glass)
0.8 0.1
8 Pin Half Size
All Dimensions in mm.
5.08
MIN
Insulated Standoffs (Glass)
5.4
MAX
Pin 8: Output Pin 14: Supply Voltage
Pin 1: No Connect or Tri-State Pin 4: Case Ground
Pin 5: Output Pin 8: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of OAH32548A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X